Part Number Hot Search : 
BAS70XY EA09408 ASZ1015 IP102 SFH4391 2SA1215 74476402 U60DN
Product Description
Full Text Search
 

To Download PSLC20G107M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?"mmtqfdjgjdbujpotjouijtdbubmphboeqspevdujpotubuvtpgqs pevdutbsftvckfduupdibohfxjuipvuopujdf1sjpsupuifqvsdi btf qmfbtfdpoubdu/&$50,*/gpsvqebufeqspevduebub ?1mfbtfsfrvftugpsbtqfdjgjdbujpotiffugpsefubjmfeqspevdu ebubqsjpsupuifqvsdibtf ?#fgpsfvtjohuifqspevdujouijtdbubmph qmfbtfsfbe1sfdbvu jpotboepuifstbgfuzqsfdbvujpotmjtufejouifqsjoufewfstjp odbubmph 9653tcavol14e1109e0 10 ps/l series ultra low esr / rohs compliant features lead-free type. rohs compliant. ultra-low esr. same dimension as e/sv series. halogen free, antimony free and red phosphorous free resin is applied to the exterior mold resin. dimensions [mm] zz h lw1 w2 [j, p, a2, a cases] [b3, b15, b2 cases] [c2, c, v, d cases] zz h lw1 w2 zz h l w2 w1 (unit: mm) case code eia code l w 1 w 2 hz j 1.6 0.1 0.8 0.1 0.6 0.1 0.8 0.1 0.3 0.15 p 2012 2.0 0.2 1.25 0.2 0.9 0.1 1.1 0.1 0.5 0.1 a2(u) 3216l 3.2 0.2 1.6 0.2 1.2 0.1 1.1 0.1 0.8 0.2 a 3216 3.2 0.2 1.6 0.2 1.2 0.1 1.6 0.2 0.8 0.2 b3(w) 3528l 3.5 0.2 2.8 0.2 2.2 0.1 1.1 0.1 0.8 0.2 b15 3.5 0.2 2.8 0.2 2.2 0.1 1.4 0.1 0.8 0.2 b2(s) 3528 3.5 0.2 2.8 0.2 2.2 0.1 1.9 0.1 0.8 0.2 c2 6.0 0.2 3.2 0.2 2.2 0.1 1.4 0.1 1.3 0.2 c 6032 6.0 0.2 3.2 0.2 2.2 0.1 2.5 0.2 1.3 0.2 v 7343l 7.3 0.2 4.3 0.2 2.4 0.1 1.9 0.1 1.3 0.2 d 7343 7.3 0.2 4.3 0.2 2.4 0.1 2.8 0.2 1.3 0.2
?"mmtqfdjgjdbujpotjouijtdbubmphboeqspevdujpotubuvtpgqs pevdutbsftvckfduupdibohfxjuipvuopujdf1sjpsupuifqvsdi btf qmfbtfdpoubdu/&$50,*/gpsvqebufeqspevduebub ?1mfbtfsfrvftugpsbtqfdjgjdbujpotiffugpsefubjmfeqspevdu ebubqsjpsupuifqvsdibtf ?#fgpsfvtjohuifqspevdujouijtdbubmph qmfbtfsfbe1sfdbvu jpotboepuifstbgfuzqsfdbvujpotmjtufejouifqsjoufewfstjp odbubmph 9653tcavol14e1109e0 conductive polymer type ps/l series 11 psl d 0j 337 m dc rated voltage in volts capacitance tolerance capacitance (pf) first two digits represent significant figures. third digit specifies number of zeros to follow. m: 20% case code ps/l series (25) special numbering for esr ex. (25) shows 25 m  0e: 2.5 v, 0g : 4 v, 0j : 6.3 v, 1a : 10 v, 1c: 16 v, 1d : 20 v, 1e : 25 v te [bulk] [tape and reel] psld0j337m 12 r packing orientation tape width r: cathode on the side of spro ket hole part number of bulk tape and reel 8 : 8 mm ( j, p, a2, a, b3, b15, b2 case ) 12 : 12 mm (c2, c, v, d cases) tl psld0j337m 12 r e indicates 330mm reel tape and reel te: 180mm reel tl: 330mm reel part number system standard c-v value reference by case code u r 2.5 v 0e 4v 0g 6.3v 0j 10v 1a 16v 1c 20v 1d 1.0 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 105 225 335 475 685 106 156 226 336 476 686 107 157 227 337 477 687 108 j j, p j, p j, p, a p, a2, a a2, a, b2 a2, a, b3, b2 a, b3, b2 a, b3, b2, c2, c b3, b2, c2, c a, b2, c2, c, v b15, b2, c2, c, v, d b2, v, d v, d j, p, a p, a2, b2 a2, a a, b3 a, c2, c a, b3, b2, c2 b2, c b2, c, v, d c, v, d d d p a2 a2 a, b3 a, b2 b2, c, v v d d j j, a j, a2, a a2, a, b2 p, a2, a, b2 a, b2, c a, b3, b2, c a, b3, b2, c2, c b3, b2, c2, c, v, d c2, c, v, d b2, c2, c, v, d c, v, d d 25v 1e  f a b2 b2 b2 v v, d v, d v, d v v d v v b2 u r :rated voltage
?"mmtqfdjgjdbujpotjouijtdbubmphboeqspevdujpotubuvtpgqs pevdutbsftvckfduupdibohfxjuipvuopujdf1sjpsupuifqvsdi btf qmfbtfdpoubdu/&$50,*/gpsvqebufeqspevduebub ?1mfbtfsfrvftugpsbtqfdjgjdbujpotiffugpsefubjmfeqspevdu ebubqsjpsupuifqvsdibtf ?#fgpsfvtjohuifqspevdujouijtdbubmph qmfbtfsfbe1sfdbvu jpotboepuifstbgfuzqsfdbvujpotmjtufejouifqsjoufewfstjp odbubmph 9653tcavol14e1109e0 ps/l series 12 ag polarity marking code (dc rated v oltage and capacitance) j polarity marking code (dc rated v oltage and capacitance) fja7 polarity marking code (dc rated v oltage and capacitance) marking code (dc rated v oltage and capacitance) pro duction date code ne r je7 polarity production date cod e ne for neocapacitor ne for neocapacitor marking code (dc rated v oltage and capacitance) polarity pro duction date code ne r je8 [p case] (ex. 10  f / 4 v) [j case] (ex. 4.7  f / 6.3 v) [a2, a cases] (ex. 10  f / 6.3 v) [b3, b15, b2 cases] (ex. 15  f / 6.3 v) [c2, c, v, d cases] (ex. 150  f / 6.3 v) [a2, a, b3, b15, b2, c2, c, v, d cases production date code] [j case ma rking code] [p case ma rking code] [a2, a, b3, b15, b2, c2 , c, v, d case s marking code] u r j j j a a a j g 4v 2.5v e g jacde 2.5v 4v 6.3v 10 v 20v 25v 16v 4v 6.3v 10 v16v 10 6.8 4.7 3.3 2.2 22 15 10 6.8 4.7 3.3 2.2 1.0 1000 680 470 330 220 150 100 68 47 33 22 15 10 6.8 4.7 3.3 a9 w8 s8 n8 j8 e8 a8 w7 s7 n7 j7 e7 a7 w6 s6 n6 en7 es7 ea8 ej8 en8 es8 ew8 ea9 ga7 gj7 gn7 gs7 gw7 ga8 ge8 gj8 gn8 gs8 gw8 jw6 ja7 je7 jj7 jn7 js7 jw7 ja8 je8 jj8 jn8 an6 as6 aw6 aa7 ae7 aj7 an7 as7 aw7 aa8 ae8 aj8 cn6 cs6 cw6 ca7 cn7 cs7 cw7 dj7 dn7 ds7 ew6 ee7 ej7 en7 6.3v 10v  f  f  f nj sj wj ag aj je jg aa u r u r note: production date code will resume beg inning in 2015. jan. feb. mar. apr. may. jun. jul. aug. sep. oct. nov. dec. 2011 abcde fgh jk lm 2012 npq rs tuvwxyz 2013 abcdefghjklm 2014 npqrs tuvwx y z m y u r :rated voltage
?"mmtqfdjgjdbujpotjouijtdbubmphboeqspevdujpotubuvtpgqs pevdutbsftvckfduupdibohfxjuipvuopujdf1sjpsupuifqvsdi btf qmfbtfdpoubdu/&$50,*/gpsvqebufeqspevduebub ?1mfbtfsfrvftugpsbtqfdjgjdbujpotiffugpsefubjmfeqspevdu ebubqsjpsupuifqvsdibtf ?#fgpsfvtjohuifqspevdujouijtdbubmph qmfbtfsfbe1sfdbvu jpotboepuifstbgfuzqsfdbvujpotmjtufejouifqsjoufewfstjp odbubmph 9653tcavol14e1109e0 conductive polymer type ps/l series 13 performance characteristics test conditions : conform to iec 60384-1 at 105 at 85 at 120 hz at 100 khz or 300 khz refer to standard ratings reflow soldering method 240, 10 sec.max. 13v 8v 10v 20v 12.8v 16v 23v 16v 20v 29v 20v 25v 5.2v 3.3v 4v 8v 5v 6.3v 3.3v 2v 2.5v lower than initial specification parts shall be temperature cycled over a temperature range of C55 to +105, five times continuously as follow. step 1: C55 , 303min. step 2: room temp. , 10 to 15min. step 3: 105 , 303min. step 4: room temp, 10 to 15min. at 40 at 90 to 95% rh 500 hour at 85 at rated voltage 1000 hour strength : 4.9n time : 100.5sec. (two directions) lower than initial specification lower than initial specification performance test condition dissipation factor dc leakage current (l.c) capacitance tolerance capacitance surge voltage (v.dc) derated voltage (v.dc) rated voltage (v.dc) operating temperature C55 to +105 item surge voltage test 2.2  f to 1000  f l.c refer to sta ndard ratings refer to sta ndard ratings refer to sta ndard ratings at 120 hz 20% 0 = 1% / 1000 hour visual: there shall be no ev idence of mechanical damage refer to sta ndard ratings from +30% to C20% refer to sta ndard ratings at 85: rated voltage at 105: derated voltage 1000 hour lower than initial specification lower than 1.5 times initial specification endurance i lower than initial specification refer to sta ndard ratings lower than 3 times initial specification endurance ii damp heat failure rate terminal strength lower than 1.5 times initial specification voltage: rated voltage for 5min. temper ature : 852 applied voltage : surge voltage series resistance : 33 ohm duration of surge : 305 sec time between s urge : 5.5min. number of cycle : 1000 0.1c ? v(  a) or 3  a (j case:10  a) , whichever is greater lower than initial specification lower than initial specification capacitance change df(%) rapid change of temperature resistance to soldering heat characteristic at high and low temperature lower than 1.3 times initial specification C5 5 +105 from 0 to C20% from 0 to +50% lower than initial specification refer to sta ndard ratings lower than initial specification lower than 1.5 times initial specification lower than 10 times initial specification step 1: 252 step 2: C55 step 3: 252 step 4: 105 0 C3 0 C3 0 C3 0 C3 permissible ripple current refer to ratings table at 100 khz or 300 khz refer to standard ratings conform to iec 60384C1 c onform to iec6 0384C1 others at 105 at derated voltage 1000 hour derated voltage at 85 at more *1 equivalent s eries resistance rated voltage 2.5 to 16v: at 85 rated voltag e over 20v: at 15 to 35 [u t ] = [u r ] C [u r ] C [u c ] 20 reference : derated voltage (85 to 105 c) [u t ] : derated voltage at operating temperature [u r ] : rated voltage [u c ] : derated voltage at 105 c t : operating temperature (tC85)
?"mmtqfdjgjdbujpotjouijtdbubmphboeqspevdujpotubuvtpgqs pevdutbsftvckfduupdibohfxjuipvuopujdf1sjpsupuifqvsdi btf qmfbtfdpoubdu/&$50,*/gpsvqebufeqspevduebub ?1mfbtfsfrvftugpsbtqfdjgjdbujpotiffugpsefubjmfeqspevdu ebubqsjpsupuifqvsdibtf ?#fgpsfvtjohuifqspevdujouijtdbubmph qmfbtfsfbe1sfdbvu jpotboepuifstbgfuzqsfdbvujpotmjtufejouifqsjoufewfstjp odbubmph 9653tcavol14e1109e0 ps/l series 14 2.5 22 p pslp0e226m 5.5 6 200 354 6 9 20% 20% 33 a2 psla20e336m 8.3 6 150 632 6 9 20% 20% 47 a2 psla20e476m 11.7 6 150 632 6 9 20% 20% 100 a psla0e107m 25 8 100 866 8 12 20% 20% 100 a psla0e107m ( 45 ) 25 8 45 1291 8 12 20% 20% 100 a psla0e107m ( 35 ) 25 8 35 1464 8 12 20% 20% 100 b3 pslb30e107m 25 8 70 1035 8 12 20% 20% 220 a psla0e227m ( 45 ) 55 8 45 1291 8 12 20% 20% 220 a psla0e227m ( 35 ) 55 8 35 1464 8 12 20% 20% 220 a psla0e227m ( 25 ) 55 8 25 1732 8 12 20% 20% 220 b2 pslb20e227m 55 8 45 1374 8 12 20% 20% 220 b2 pslb20e227m ( 35 ) 55 8 35 1558 8 12 20% 20% 220 b2 pslb20e227m ( 25 ) 55 8 25 1844 8 12 20% 20% 220 b2 pslb20e227m ( 21 ) 55 8 21 2012 8 12 20% 20% 220 b2 pslb20e227m ( 15 ) 55 8 15 2380 8 12 20% 20% 330 b2 pslb20e337m 82.5 8 45 1374 8 12 20% 20% 330 b2 pslb20e337m ( 35 ) 82.5 8 35 1558 8 12 20% 20% 330 b2 pslb20e337m ( 21 ) 82.5 8 21 2012 8 12 20% 20% 330 b2 pslb20e337m ( 15 ) 82.5 8 15 2380 8 12 20% 20% 330 c pslc0e337m 82.5 10 55 1414 10 15 20% 20% 330 c pslc0e337m ( 45 ) 82.5 10 45 1563 10 15 20% 20% 330 c pslc0e337m ( 25 ) 82.5 10 25 2098 10 15 20% 20% 330 c pslc0e337m ( 18 ) 82.5 10 18 2472 10 15 20% 20% 330 v pslv0e337m 82.5 10 25 2236 10 15 20% 20% 330 v pslv0e337m ( 15 ) 82.5 10 15 2887 10 15 20% 20% 330 v pslv0e337m ( 12 ) 82.5 10 12 3227 10 15 20% 20% 470 v pslv0e477m ( 15 ) 117.5 10 15 2887 10 15 20% 20% 470 v pslv0e477m ( 12 ) 117.5 10 12 3227 10 15 20% 20% 680 d psld0e687m 170 10 25 2449 10 15 20% 20% 680 d psld0e687m ( 15 ) 170 10 15 3162 10 15 20% 20% 680 d psld0e687m ( 12 ) 170 10 12 3536 10 15 20% 20% 1000 d psld0e108m 250 10 25 2449 10 15 20% 20% 1000 d psld0e108m ( 15 ) 250 10 15 3162 10 15 20% 20% 4 10 j pslj0g106m 10 4 300 183 4 6 20% 20% 10 p pslp0g106m 4 6 200 354 6 9 20% 20% 10 a psla0g106m 4 6 200 612 6 9 20% 20% 22 p pslp0g226m 8.8 6 200 354 6 9 20% 20% 22 a2 psla20g226m 8.8 6 200 548 6 9 20% 20% 22 b2 pslb20g226m 8.8 8 150 753 8 12 20% 20% 33 a2 psla20g336m 13.2 6 150 632 6 9 20% 20% 33 a psla0g336m 13.2 6 180 645 6 9 20% 20% 47 a psla0g476m 18.8 6 180 645 6 9 20% 20% 47 b3 pslb30g476m 18.8 8 70 1035 8 12 20% 20% 68 a psla0g686m 27.2 6 180 645 6 9 20% 20% 68 c2 pslc20g686m 27.2 8 55 1279 8 12 20% 20% 68 c pslc0g686m 27.2 9 100 1049 9 14 20% 20% 100 a psla0g107m 40 8 100 866 8 12 20% 20% 100 a psla0g107m ( 45 ) 40 8 45 1291 8 12 20% 20% 100 a psla0g107m ( 35 ) 40 8 35 1464 8 12 20% 20% 100 a psla0g107m ( 25 ) 40 8 25 1732 8 12 20% 20% 100 b3 pslb30g107m 40 8 70 1035 8 12 20% 20% 100 b2 pslb20g107m 40 8 70 1102 8 12 20% 20% 100 b2 pslb20g107m ( 45 ) 40 8 45 1374 8 12 20% 20% 100 b2 pslb20g107m ( 35 ) 40 8 35 1558 8 12 20% 20% 100 c2 PSLC20G107M 40 9 55 1279 9 14 20% 20% 150 b2 pslb20g157m 60 8 45 1374 8 12 20% 20% 150 b2 pslb20g157m ( 35 ) 60 8 35 1558 8 12 20% 20% 150 b2 pslb20g157m ( 25 ) 60 8 25 1844 8 12 20% 20% 150 c pslc0g157m 60 9 100 1049 9 14 20% 20% 220 b2 pslb20g227m 88 8 45 1374 8 12 20% 20% 220 b2 pslb20g227m ( 35 ) 88 8 35 1558 8 12 20% 20% 220 b2 pslb20g227m ( 25 ) 88 8 25 1844 8 12 20% 20% 220 b2 pslb20g227m ( 15 ) 88 8 15 2380 8 12 20% 20% capacitance voltage (v) case code part number (bulk) leakage current (  f) (  a) df ( % ) (m  ) esr permissible ripple current (ma rms.) rated capacitance change +105 at endurance soldering heat at resistance to at surge voltage max max max df ( % ) max -55 max *1 *1 standard ratings *1: measure frequency  : 300khz, none: 100 khz
?"mmtqfdjgjdbujpotjouijtdbubmphboeqspevdujpotubuvtpgqs pevdutbsftvckfduupdibohfxjuipvuopujdf1sjpsupuifqvsdi btf qmfbtfdpoubdu/&$50,*/gpsvqebufeqspevduebub ?1mfbtfsfrvftugpsbtqfdjgjdbujpotiffugpsefubjmfeqspevdu ebubqsjpsupuifqvsdibtf ?#fgpsfvtjohuifqspevdujouijtdbubmph qmfbtfsfbe1sfdbvu jpotboepuifstbgfuzqsfdbvujpotmjtufejouifqsjoufewfstjp odbubmph 9653tcavol14e1109e0 conductive polymer type ps/l series 15 4 220 c pslc0g227m 88 9 55 1414 9 14 20% 20% 220 c pslc0g227m ( 45 ) 88 9 45 1563 9 14 20% 20% 220 c pslc0g227m ( 25 ) 88 9 25 2098 9 14 20% 20% 220 c pslc0g227m ( 18 ) 88 9 18 2472 9 14 20% 20% 220 v pslv0g227m 88 10 45 1667 10 15 20% 20% 220 v pslv0g227m ( 25 ) 88 10 25 2236 10 15 20% 20% 220 v pslv0g227m ( 18 ) 88 10 18 2635 10 15 20% 20% 220 v pslv0g227m ( 15 ) 88 10 15 2887 10 15 20% 20% 220 v pslv0g227m ( 12 ) 88 10 12 3227 10 15 20% 20% 220 d psld0g227m 88 10 55 1651 10 15 20% 20% 220 d psld0g227m ( 40 ) 88 10 40 1936 10 15 20% 20% 220 d psld0g227m ( 25 ) 88 10 25 2449 10 15 20% 20% 220 d psld0g227m ( 15 ) 88 10 15 3162 10 15 20% 20% 220 d psld0g227m ( 12 ) 88 10 12 3536 10 15 20% 20% 330 c pslc0g337m 132 10 55 1414 10 15 20% 20% 330 c pslc0g337m ( 25 ) 132 10 25 2098 10 15 20% 20% 330 v pslv0g337m 132 10 45 1667 10 15 20% 20% 330 v pslv0g337m ( 25 ) 132 10 25 2236 10 15 20% 20% 330 v pslv0g337m ( 15 ) 132 10 15 2887 10 15 20% 20% 330 v pslv0g337m ( 12 ) 132 10 12 3227 10 15 20% 20% 330 d psld0g337m 132 10 40 1936 10 15 20% 20% 330 d psld0g337m ( 25 ) 132 10 25 2449 10 15 20% 20% 330 d psld0g337m ( 15 ) 132 10 15 3162 10 15 20% 20% 470 d psld0g477m 188 10 25 2449 10 15 20% 20% 470 d psld0g477m ( 18 ) 188 10 18 2887 10 15 20% 20% 470 d psld0g477m ( 15 ) 188 10 15 3162 10 15 20% 20% 470 d psld0g477m ( 12 ) 188 10 12 3536 10 15 20% 20% 470 d psld0g477m ( 10 ) 188 10 10 3873 10 15 20% 20% 680 d psld0g687m 272 10 25 2449 10 15 20% 20% 680 d psld0g687m ( 15 ) 272 10 15 3162 10 15 20% 20% 680 d psld0g687m ( 12 ) 272 10 12 3536 10 15 20% 20% 6.3 2.2 j pslj0j225m 10 4 500 141 4 6 20% 20% 3.3 j pslj0j335m 10 4 500 141 4 6 20% 20% 3.3 p pslp0j335m 3 6 300 289 6 9 20% 20% 4.7 j pslj0j475m 10 4 500 141 4 6 20% 20% 4.7 p pslp0j475m 3 6 300 289 6 9 20% 20% 6.8 j pslj0j685m 10 6 500 141 6 6 20% 20% 6.8 p pslp0j685m 4.2 6 300 289 6 9 20% 20% 6.8 a psla0j685m 4.2 6 300 500 6 9 20% 20% 10 p pslp0j106m 6.3 6 200 354 6 9 20% 20% 10 a2 psla20j106m 6.3 6 200 548 6 9 20% 20% 10 a psla0j106m 6.3 6 200 612 6 9 20% 20% 15 a2 psla20j156m 9.4 6 200 548 6 9 20% 20% 15 a psla0j156m 9.4 6 200 612 6 9 20% 20% 15 b2 pslb20j156m 9.4 8 150 753 8 12 20% 20% 22 a2 psla20j226m 13.8 6 200 548 6 9 20% 20% 22 a psla0j226m 13.8 6 180 645 6 9 20% 20% 22 b3 pslb30j226m 13.8 8 70 1035 8 12 20% 20% 22 b2 pslb20j226m 13.8 8 150 753 8 12 20% 20% 33 a psla0j336m 20.7 6 180 645 6 9 20% 20% 33 b3 pslb30j336m 20.7 8 70 1035 8 12 20% 20% 33 b2 pslb20j336m 20.7 8 150 753 8 12 20% 20% 47 a psla0j476m 29.6 6 180 645 6 9 20% 20% 47 a psla0j476m ( 70 ) 29.6 6 70 1035 6 9 20% 20% 47 b3 pslb30j476m 29.6 8 70 1035 8 12 20% 20% 47 b3 pslb30j476m ( 55 ) 29.6 8 55 1168 8 12 20% 20% 47 b2 pslb20j476m 29.6 8 150 753 8 12 20% 20% 47 b2 pslb20j476m ( 70 ) 29.6 8 70 1102 8 12 20% 20% 47 c2 pslc20j476m 29.6 9 70 1134 9 14 20% 20% 47 c pslc0j476m 29.6 9 100 1049 9 14 20% 20% 68 b3 pslb30j686m 42.8 8 70 1035 8 12 20% 20% 68 b2 pslb20j686m 42.8 8 70 1102 8 12 20% 20% 68 b2 pslb20j686m ( 55 ) 42.8 8 55 1243 8 12 20% 20% capacitance voltage (v) case code part number (bulk) leakage current (  f) (  a) df ( % ) (m  ) esr permissible ripple current (ma rms.) rated capacitance change +105 at endurance soldering heat at resistance to at surge voltage max max max df ( % ) max -55 *1 *1: measure frequency  : 300khz, none: 100 khz
?"mmtqfdjgjdbujpotjouijtdbubmphboeqspevdujpotubuvtpgqs pevdutbsftvckfduupdibohfxjuipvuopujdf1sjpsupuifqvsdi btf qmfbtfdpoubdu/&$50,*/gpsvqebufeqspevduebub ?1mfbtfsfrvftugpsbtqfdjgjdbujpotiffugpsefubjmfeqspevdu ebubqsjpsupuifqvsdibtf ?#fgpsfvtjohuifqspevdujouijtdbubmph qmfbtfsfbe1sfdbvu jpotboepuifstbgfuzqsfdbvujpotmjtufejouifqsjoufewfstjp odbubmph 9653tcavol14e1109e0 ps/l series 16 6.3 68 c2 pslc20j686m 42.8 9 55 1279 9 14 20% 20% 68 c pslc0j686m 42.8 9 100 1049 9 14 20% 20% 100 a psla0j107m ( 70 ) 63 8 70 1035 8 12 20% 20% 100 a psla0j107m ( 45 ) 63 8 45 1300 8 12 20% 20% 100 a psla0j107m ( 35 ) 63 8 35 1500 8 12 20% 20% 100 b2 pslb20j107m 63 8 70 1102 8 12 20% 20% 100 b2 pslb20j107m ( 45 ) 63 8 45 1374 8 12 20% 20% 100 b2 pslb20j107m ( 35 ) 63 8 35 1558 8 12 20% 20% 100 b2 pslb20j107m ( 25 ) 63 8 25 1844 8 12 20% 20% 100 c2 pslc20j107m 63 9 70 1134 9 14 20% 20% 100 c2 pslc20j107m ( 55 ) 63 9 55 1279 9 14 20% 20% 100 c pslc0j107m 63 9 100 1049 9 14 20% 20% 100 c pslc0j107m ( 55 ) 63 9 55 1414 9 14 20% 20% 100 v pslv0j107m ( 18 ) 63 10 18 2635 10 15 20% 20% 100 v pslv0j107m ( 15 ) 63 10 15 2887 10 15 20% 20% 150 b15 pslb150j157m ( 70 ) 94.5 10 70 1069 10 15 20% 20% 150 b15 pslb150j157m ( 35 ) 94.5 10 35 1512 10 15 20% 20% 150 b2 pslb20j157m 94.5 8 45 1374 8 12 20% 20% 150 b2 pslb20j157m ( 35 ) 94.5 8 35 1558 8 12 20% 20% 150 b2 pslb20j157m ( 25 ) 94.5 8 25 1844 8 12 20% 20% 150 c2 pslc20j157m 94.5 9 55 1279 9 14 20% 20% 150 c pslc0j157m 94.5 9 100 1049 9 14 20% 20% 150 c pslc0j157m ( 55 ) 94.5 9 55 1414 9 14 20% 20% 150 c pslc0j157m ( 45 ) 94.5 9 45 1563 9 14 20% 20% 150 c pslc0j157m ( 25 ) 94.5 9 25 2098 9 14 20% 20% 150 v pslv0j157m 94.5 10 45 1667 10 15 20% 20% 150 v pslv0j157m ( 25 ) 94.5 10 25 2236 10 15 20% 20% 150 v pslv0j157m ( 18 ) 94.5 10 18 2635 10 15 20% 20% 150 v pslv0j157m ( 15 ) 94.5 10 15 2887 10 15 20% 20% 150 v pslv0j157m ( 12 ) 94.5 10 12 3227 10 15 20% 20% 150 d psld0j157m 94.5 10 55 1651 10 15 20% 20% 150 d psld0j157m ( 40 ) 94.5 10 40 1936 10 15 20% 20% 150 d psld0j157m ( 25 ) 94.5 10 25 2449 10 15 20% 20% 220 b2 pslb20j227m ( 45 ) 138.6 8 45 1374 8 12 20% 20% 220 b2 pslb20j227m ( 35 ) 138.6 8 35 1558 8 12 20% 20% 220 b2 pslb20j227m ( 25 ) 138.6 8 25 1844 8 12 20% 20% 220 v pslv0j227m 138.6 10 45 1667 10 15 20% 20% 220 v pslv0j227m ( 25 ) 138.6 10 25 2236 10 15 20% 20% 220 v pslv0j227m ( 15 ) 138.6 10 15 2887 10 15 20% 20% 220 v pslv0j227m ( 12 ) 138.6 10 12 3227 10 15 20% 20% 220 d psld0j227m 138.6 10 55 1651 10 15 20% 20% 220 d psld0j227m ( 40 ) 138.6 10 40 1936 10 15 20% 20% 220 d psld0j227m ( 25 ) 138.6 10 25 2449 10 15 20% 20% 330 v pslv0j337m 207.9 10 45 1667 10 15 20% 20% 330 v pslv0j337m ( 25 ) 207.9 10 25 2236 10 15 20% 20% 330 d psld0j337m 207.9 10 40 1936 10 15 20% 20% 330 d psld0j337m ( 25 ) 207.9 10 25 2449 10 15 20% 20% 330 d psld0j337m ( 18 ) 207.9 10 18 2887 10 15 20% 20% 10 2.2 j pslj1a225m 10 4 500 141 4 6 20% 20% 3.3 j pslj1a335m 10 6 500 141 6 6 20% 20% 3.3 a psla1a335m 3.3 6 300 500 6 9 20% 20% 4.7 j pslj1a475m 10 6 500 141 6 6 20% 20% 4.7 a2 psla21a475m 4.7 6 300 447 6 9 20% 20% 4.7 a psla1a475m 4.7 6 300 500 6 9 20% 20% 6.8 a2 psla21a685m 6.8 6 300 447 6 9 20% 20% 6.8 a psla1a685m 6.8 6 300 500 6 9 20% 20% 6.8 b2 pslb21a685m 6.8 8 200 652 8 12 20% 20% 10 p pslp1a106m 10 6 200 354 6 9 20% 20% 10 a2 psla21a106m 10 6 200 548 6 9 20% 20% 10 a psla1a106m 10 6 200 612 6 9 20% 20% 10 b2 pslb21a106m 10 8 200 652 8 12 20% 20% 15 a psla1a156m 15 6 180 645 6 9 20% 20% 15 b2 pslb21a156m 15 8 150 753 8 12 20% 20% capacitance voltage (v) case code part number (bulk) leakage current (  f) (  a) df ( % ) (m  ) esr permissible ripple current (ma rms.) rated capacitance change +105 at endurance soldering heat at resistance to at surge voltage max max max df ( % ) max -55 *1 *1: measure frequency  : 300khz, none: 100 khz
?"mmtqfdjgjdbujpotjouijtdbubmphboeqspevdujpotubuvtpgqs pevdutbsftvckfduupdibohfxjuipvuopujdf1sjpsupuifqvsdi btf qmfbtfdpoubdu/&$50,*/gpsvqebufeqspevduebub ?1mfbtfsfrvftugpsbtqfdjgjdbujpotiffugpsefubjmfeqspevdu ebubqsjpsupuifqvsdibtf ?#fgpsfvtjohuifqspevdujouijtdbubmph qmfbtfsfbe1sfdbvu jpotboepuifstbgfuzqsfdbvujpotmjtufejouifqsjoufewfstjp odbubmph 9653tcavol14e1109e0 conductive polymer type ps/l series 17 10 15 c pslc1a156m 15 9 200 742 9 14 20% 20% 22 a psla1a226m 22 6 180 645 6 9 20% 20% 22 b3 pslb31a226m 22 8 70 1035 8 12 20% 20% 22 b2 pslb21a226m 22 8 150 753 8 12 20% 20% 22 c pslc1a226m 22 9 150 856 9 14 20% 20% 33 a psla1a336m 33 8 200 612 8 12 20% 20% 33 b3 pslb31a336m 33 8 70 1035 8 12 20% 20% 33 b2 pslb21a336m 33 8 150 753 8 12 20% 20% 33 c2 pslc21a336m 33 9 70 1134 9 14 20% 20% 33 c pslc1a336m 33 9 100 1049 9 14 20% 20% 47 b3 pslb31a476m 47 8 70 1035 8 12 20% 20% 47 b2 pslb21a476m 47 8 70 1102 8 12 20% 20% 47 b2 pslb21a476m ( 35 ) 47 8 35 1558 8 12 20% 20% 47 c2 pslc21a476m 47 9 70 1134 9 14 20% 20% 47 c pslc1a476m 47 9 100 1049 9 14 20% 20% 47 c pslc1a476m ( 55 ) 47 9 55 1414 9 14 20% 20% 47 v pslv1a476m 47 10 60 1443 10 15 20% 20% 47 d psld1a476m 47 10 100 1225 10 15 20% 20% 68 c2 pslc21a686m 68 9 55 1279 9 14 20% 20% 68 c pslc1a686m 68 9 100 1049 9 14 20% 20% 68 c pslc1a686m ( 55 ) 68 9 55 1414 9 14 20% 20% 68 v pslv1a686m 68 10 60 1443 10 15 20% 20% 68 d psld1a686m 68 10 100 1225 10 15 20% 20% 100 b2 pslb21a107m ( 45 ) 100 10 45 1374 10 15 20% 20% 100 c2 pslc21a107m 100 9 70 1134 9 14 20% 20% 100 c2 pslc21a107m ( 55 ) 100 9 55 1279 9 14 20% 20% 100 c pslc1a107m 100 9 100 1049 9 14 20% 20% 100 c pslc1a107m ( 55 ) 100 9 55 1414 9 14 20% 20% 100 v pslv1a107m 100 10 45 1667 10 15 20% 20% 100 v pslv1a107m ( 25 ) 100 10 25 2236 10 15 20% 20% 100 d psld1a107m 100 10 55 1651 10 15 20% 20% 150 c pslc1a157m 150 9 55 1414 9 14 20% 20% 150 v pslv1a157m 150 10 45 1667 10 15 20% 20% 150 v pslv1a157m ( 40 ) 150 10 40 1768 10 15 20% 20% 150 d psld1a157m 150 10 55 1651 10 15 20% 20% 150 d psld1a157m ( 40 ) 150 10 40 1936 10 15 20% 20% 220 d psld1a227m 220 10 55 1651 10 15 20% 20% 220 d psld1a227m ( 40 ) 220 10 40 1936 10 15 20% 20% 220 d psld1a227m ( 25 ) 220 10 25 2449 10 15 20% 20% 16 3.3 a psla1c335m 5.2 6 800 306 6 9 20% 20% 4.7 b2 pslb21c475m 7.5 8 200 652 8 12 20% 20% 6.8 b2 pslb21c685m 10.8 8 200 652 8 12 20% 20% 10 b2 pslb21c106m 16 8 100 922 8 12 20% 20% 33 v pslv1c336m 52.8 10 70 1336 10 15 20% 20% 47 v pslv1c476m 75.2 10 70 1336 10 15 20% 20% 47 d psld1c476m 75.2 10 70 1464 10 15 20% 20% 68 v pslv1c686m 108.8 10 50 1581 10 15 20% 20% 68 d psld1c686m 108.8 10 55 1651 10 15 20% 20% 20 22 v pslv1d226m 44 10 90 1179 10 15 20% 20% 33 v pslv1d336m 66 10 70 1336 10 15 20% 20% 47 v pslv1d476m 94 10 70 1336 10 15 20% 20% 47 d psld1d476m 94 10 70 1464 10 15 20% 20% 25 6.8 b2 pslb21e685m 17 8 100 922 8 12 20% 20% 15 v pslv1e156m 37.5 10 90 1179 10 15 20% 20% 22 v pslv1e226m 55 10 90 1179 10 15 20% 20% 33 d psld1e336m 82.5 10 60 1581 10 15 20% 20% capacitance voltage (v) case code part number (bulk) leakage current (  f) (  a) df ( % ) (m  ) esr permissible ripple current (ma rms.) rated capacitance change +105 at endurance soldering heat at resistance to at surge voltage max max max df ( % ) max -55 *1 *1: measure frequency  : 300khz, none: 100 khz


▲Up To Search▲   

 
Price & Availability of PSLC20G107M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X